| 전자부품 데이터시트 검색엔진 |
|
DM300019 데이터시트(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300019 데이터시트(HTML) 25 Page - Microchip Technology |
|
25 / 50 page ![]() Tutorial © 2006 Microchip Technology Inc. DS51584B-page 21 2.6.4 Program the dsPIC30F6014A Device 1. From the Debugger menu, select Program to program the part. The output window (Figure 2-13) displays the program steps as they occur. 2. Observe the results of the programming. When “MPLAB ICD 2 Ready” displays, the device is programmed and ready to run. FIGURE 2-13: PROGRAMMING THE dsPIC® DSC DEVICE 3. Use the Debugger>Run menu to run the code. LED1 should start blinking when S1 is pressed. |