전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC8101TPX/NOPB 데이터시트(PDF) 13 Page - Texas Instruments

부품명 LMC8101TPX/NOPB
상세설명  LMC8101 Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LMC8101TPX/NOPB 데이터시트(HTML) 13 Page - Texas Instruments

Back Button LMC8101TPX/NOPB Datasheet HTML 9Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 10Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 11Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 12Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 13Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 14Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 15Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 16Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LMC8101
www.ti.com
SNOS496F – AUGUST 2000 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VS = 2.7V, Single Supply, VCM = V
+/2, T
A = 25°C unless specified
Voltage Noise vs.
Voltage Noise vs. Frequency
VCM @ Various Frequencies
Figure 45.
Figure 46.
THD+N vs. Amplitude
THD+N vs. Frequency
Figure 47.
Figure 48.
Sourcing Current vs.
Sinking Current vs.
Output Voltage (VS = 2.7V)
Output Voltage (VS = 2.7V)
Figure 49.
Figure 50.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMC8101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com