전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC8101TPX/NOPB 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LMC8101TPX/NOPB
상세설명  LMC8101 Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LMC8101TPX/NOPB 데이터시트(HTML) 2 Page - Texas Instruments

  LMC8101TPX/NOPB Datasheet HTML 1Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 2Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 3Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 4Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 5Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 6Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 7Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 8Page - Texas Instruments LMC8101TPX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
A1
B1
C1
V
+
OUTPUT
SD
C3
SL
INVERTING INPUT
A3
B3
NON-
INVERTING
INPUT
A2
V
+
C2
V
-
LMC8101
SNOS496F – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
Connection Diagrams
Figure 1. 8-Pin VSSOP Top View
Figure 2. DSBGA Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
2KV(3)
ESD Tolerance
200V(4)
VIN differential
±Supply Voltage
Output Short Circuit Duration
See(5)(6)
Supply Voltage (V+
− V−)
12V
Voltage at Input/Output pins
V+ +0.8V, V−
−0.8V
Current at Input Pin
±10mA
Current at Output Pin(5)(6)
±80mA
Current at Power Supply pins
±80mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature(7)
+150°C
Infrared or Convection (20 sec.)
235°C
Soldering Information
Wave Soldering (10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not specified. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF.
(4)
Machine Model, 0
Ω in series with 200pF.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature at 150°C. Output currents in excess of 40mA over long term may adversely affect
reliability.
(6)
Short circuit test is a momentary test. Output short circuit duration is infinite for VS < 6V. Otherwise, extended period output short circuit
may damage the device.
(7)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC8101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com