전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMH6672MA/NOPB 데이터시트(PDF) 13 Page - Texas Instruments

부품명 LMH6672MA/NOPB
상세설명  LMH6672 Dual, High Output Current, High Speed Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6672MA/NOPB 데이터시트(HTML) 13 Page - Texas Instruments

Back Button LMH6672MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
0
10
20
30
40
50
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
60
70
80
90
10M
0
10
20
30
40
50
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
60
70
80
90
10M
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100M
0
20
40
120
60
80
100
0
20
40
120
1k
10k
100k
1M
10M
FREQUENCY (Hz)
60
80
100
100M
100k
1M
10M
100M
FREQUENCY (Hz)
-4
-1
2
5
8
11
14
17
20
23
26
12V
5V
13 MHz
LMH6672
www.ti.com
SNOS957H – APRIL 2001 – REVISED AUGUST 2014
Typical Performance Characteristics (continued)
Av = + 2V/V
Figure 37. Frequency Response, AVCL = +5V/V
Figure 38. Frequency Response, AVCL = +10V/V
Figure 39. CMRR vs. Frequency, Vs = 12V
Figure 40. CMRR vs. Frequency, Vs = 5V
Figure 41. PSRR+ vs. Frequency, VS = 5V and 12V
Figure 42. PSRR
− vs. Frequency VS = 5V and 12V
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com