전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMH6672MA/NOPB 데이터시트(PDF) 24 Page - Texas Instruments

부품명 LMH6672MA/NOPB
상세설명  LMH6672 Dual, High Output Current, High Speed Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6672MA/NOPB 데이터시트(HTML) 24 Page - Texas Instruments

Back Button LMH6672MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 23Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 24Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 25Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 26Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 27Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
6.2
5.8
1.7 MAX
6X 1.27
8X 0.51
0.31
2X
3.81
TYP
0.25
0.10
0 - 8
0.15
0.00
2.34
2.24
2.34
2.24
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
5.0
4.8
B
4.0
3.8
4218825/A 05/2016
PowerPAD SOIC - 1.7 mm max height
DDA0008A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MS-012.
PowerPAD is a trademark of Texas Instruments.
TM
1
8
0.25
C A B
5
4
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.400
EXPOSED
THERMAL PAD
4
1
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com