| 전자부품 데이터시트 검색엔진 |
|
PIC32 데이터시트(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32 데이터시트(HTML) 23 Page - Microchip Technology |
|
23 / 33 page ![]() PIC32 USB Starter Kit III User’s Guide DS70005132B-page 22 2013 Microchip Technology Inc. A.3 PIC32 USB STARTER KIT III BOARD SCHEMATICS FIGURE A-4: PIC32 USB STARTER KIT III SCHEMATICS (PIC32MX CPU) SOSC0/T1CK/RC14 SOSC1/RC13 INT0/RD0 PMCS1/RD11 PMCS2/SCKI/RD10 RD9 RTCC/RD8 SDA1/RA15 SCL1/RA14 TDO/RA5 TDI/RA4 SDA2/RA3 SCL2/RA2 RF8 RF2 RF3 PMD5/RE5 PMD6/RE6 PMD7/RE7 RC1 RC2 RC3 RC4 PMA5/SCK2/RG6 PMA4/RG7 PMA3/RG8 PMA2/RG9 TMS/RA0 RE8 RE9 C1IN+/AN5/RB5 C1IN-/AN4/RB4 C2IN+/AN3/RB3 C2IN-/AN2/CN4/RB2 PGC1/AN1/RB1 PGD1/AN0/RB0 0.1uF C2 0.1uF C4 0.1uF C5 0.1uF C1 23 20 17 14 11 8 5 2 53 56 59 62 65 68 71 74 24 25 21 18 22 19 15 12 16 13 9 6 10 7 3 4 1 52 51 55 58 54 57 61 64 60 63 67 70 66 69 73 72 75 U1 PIC32MX470F512L_TQFP100 P32_VDD 0.1uF C3 PGC2 PGD2 Y2 Y1 8 MHz P32_VDD P32_VDD P32_VDD P32_VDD P32_VDD 11pF C12 11pF C11 20pF C10 20pF C9 0.1uF C7 P32_VDD 4.7K R1 0.1uF C6 10 F C8 ICSP_MCLR_VPP_TARGET P32_VDD DNP D+ D- VBUS RG15 P32_VDD |