전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC32 데이터시트(PDF) 25 Page - Microchip Technology

부품명 PIC32
상세설명  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 데이터시트(HTML) 25 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 21Page - Microchip Technology PIC32 Datasheet HTML 22Page - Microchip Technology PIC32 Datasheet HTML 23Page - Microchip Technology PIC32 Datasheet HTML 24Page - Microchip Technology PIC32 Datasheet HTML 25Page - Microchip Technology PIC32 Datasheet HTML 26Page - Microchip Technology PIC32 Datasheet HTML 27Page - Microchip Technology PIC32 Datasheet HTML 28Page - Microchip Technology PIC32 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
PIC32 USB Starter Kit III User’s Guide
DS70005132B-page 24
 2013 Microchip Technology Inc.
FIGURE A-6:
PIC32 USB STARTER KIT III SCHEMATICS
(APPLICATION BOARD CONNECTOR)
GND
77
GND
11
127
119
113
107
101
93
87
81
73
67
61
53
47
41
35
27
21
15
7
1
GND
99
GND
121
P33
33
GND
55
129
131
117
115
125
123
111
105
103
109
91
89
95
97
75
85
79
83
71
65
63
69
51
49
59
57
45
39
37
43
31
25
29
23
9
19
13
17
3
5
78
12
128
120
114
108
102
94
88
82
74
68
62
54
48
42
36
28
22
16
8
2
100
122
34
56
130
132
118
116
126
124
112
106
104
110
92
90
96
98
76
86
80
84
72
66
64
70
52
50
60
58
46
40
38
44
32
26
30
24
10
20
14
18
4
6
J1
RG15
+5V_EXT
+5V_EXT
+5V_EXT
P32_VDD
P32_VDD
P32_VDD
PMP DATA [7:0]
PMP CONTROL
(5) TIMERS
COMPARATOR 2
(3) EXT_INT
SPI1
PMP ADDRESS
COMPARATOR 1
SP12
UART2
A/D REF
JTAG/GPIO
ICSP
COMPARARTOR REF
UART1
I2C1
IC2C2
(5CH) A/D
(5) OC/PWM
SECONDARY OSC
PMP DATA [15:8]
TRACE/GPIO
TRD1/RG12
TRD2/RG14
PMD5/RE5
PMD6/RE6
PMD7/RE7
PMD4/RE4
PMD3/RE3
PMD2/RE2
PMD1/RE1
PMD0/RE0
PMCS1/RD11
PMCS2/SCKI/RD10
SOSC0/T1CK/RC14
RC1
RC2
RC3
RC4
PMA5/SCK2/RG6
PMA4/RG7
PMA3/RG8
PMA2/RG9
C1IN+/AN5/RB5
C1IN-/AN4/RB4
C2IN+/AN3/RB3
C2IN-/AN2/CN4/RB2
C1OUT/RB8
C2OUT/RB9
SDA1/RA15
SCL1/RA14
RE8
RE9
INT0/RD0
PMCS2/SCKI/RD10
RC4
INT0/RD0
C2IN-/AN2/CN4/RB2
PMA13/CVREF/AN10
PMA12/RB11
PMA11/AN12/RB12
PMA10/AN13/RB13
PMA9/RF4
PMA8/RF5
PMA7/VREF-/RA9
PMA6/VREF+/RA10
PMA5/SCK2/RG6
PMA4/RG7
PMA3/RG8
PMA2/RG9
PMA1/AN14/RB14
PMA0/AN15/OCFB
PGD2
PGC2
ICSP_MCLR_VPP_TARGET
TMS/RA0
TCK/RA1
TDO/RA5
TDI/RA4
PMA7/VREF-/RA9
PMA6/VREF+/RA10
PMA9/RF4
PMA8/RF5
U2RTS/BCLK2/RF13
U2CTS/RF12
RD14
RD15
RF8
RF2
SDA1/RA15
SCL1/RA14
SDA2/RA3
SCL2/RA2
PGC1/AN1/RB1
PGD1/AN0/RB0
C1IN+/AN5/RB5
C1IN-/AN4/RB4
C2IN+/AN3/RB3
C2IN-/AN2/CN4/RB2
RD9
RTCC/RD8
PMCS1/RD11
PMCS2/SCKI/RD10
PMD12/RD12
INT0/RD0
RD3
RD2
RD1
PMWR/RD4
PMD15/RD7
PMD14/RD6
PMD13/RD13
PMD12/RD12
PMD9/RG1
PMP10/RF1
PMD11/RF0
PMD8/RG0
TRD0/RG13
TRD3/RA7
TRCLK/RA6
SOSC0/T1CK/RC14
SOSC1/RC13
PMA13/CVREF/AN10
PMWR/RD4
PMA0/AN15/OCFB
PMRD/RD5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33