전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM6520 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STM6520
상세설명  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6520 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STM6520 Datasheet HTML 4Page - STMicroelectronics STM6520 Datasheet HTML 5Page - STMicroelectronics STM6520 Datasheet HTML 6Page - STMicroelectronics STM6520 Datasheet HTML 7Page - STMicroelectronics STM6520 Datasheet HTML 8Page - STMicroelectronics STM6520 Datasheet HTML 9Page - STMicroelectronics STM6520 Datasheet HTML 10Page - STMicroelectronics STM6520 Datasheet HTML 11Page - STMicroelectronics STM6520 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ST is member of the Android Ready SE Alliance and offers StrongBox on a complete range of
tamper-resistant secure elements:
• for smartphone devices having an ST54 NFC/eSE solution to support NFC secure services,
StrongBox is fully embedded into the ST54 Secure Element functionalities
• for smartphone devices targeting both eSIM and StrongBox functionalities, a combined ST33
eSIM + STrongBox solution is available
• for smartphone devices with no secure element, STSAFE-S320 offers a discrete and very cost-
effective solution to support StrongBox.
STSAFE-S320, discrete secure element supporting StrongBox
Embedded JavaCard OS / Global platform 2.3
KeyMint, Weaver and secure storage applets
Highly secure and common criteria EAL5+ certified
JavaCard open protection profile
Discrete hardware, small WLCSP footprint < 5mm2
Android Ready SE
8
Processor Unit
Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32