| 전자부품 데이터시트 검색엔진 |
|
DFR0233 데이터시트(PDF) 8 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0233 데이터시트(HTML) 8 Page - DFROBOT |
|
8 / 13 page ![]() # Description: # Read the Analog value and the data of humidity & temperature # Hardwares: 1. Arduino UNO 2. IO Expansion Shield V5 3. Analogue_Test and SHT1X Module # Interface: RS485 # Note: Connect the Analogue_Test and SHT1X Module with IO Expansion Shield V5 through RS485 Set the address of the module in manual,range from 0x02 to 0x7F,take effect after 30 seconds */ #define uint unsigned int #define uchar unsigned char #define ulong unsigned long #define addr 0x02 //set address of the device for 0x02 uchar cmd[50]; uchar receive_ACK[100]; int EN = 2; #if defined(ARDUINO) && ARDUINO >= 100 #include "Arduino.h" #define printByte(args) Serial.write(args) #define printlnByte(args) Serial.write(args),Serial.println() #else #include "WProgram.h" #define printByte(args) Serial.print(args,BYTE) #define printlnByte(args) Serial.println(args,BYTE) #endif void setup() { |