| 전자부품 데이터시트 검색엔진 |
|
DFR0233 데이터시트(PDF) 9 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0233 데이터시트(HTML) 9 Page - DFROBOT |
|
9 / 13 page ![]() Serial.begin(9600); pinMode(2, OUTPUT); // TTL -> RS485 chip driver pin } void loop() { static ulong timepoint = 0; if (millis() - timepoint > 1000) { read_command(); timepoint = millis(); } if (Serial.available() > 0) data_return(); // delay(1000); } /************************Send command to Analogue_Test and SHT1X Module****** *******************/ void read_command() { int i; char sum_cmd = 0; digitalWrite(EN, HIGH); // Turn the drvier pin to HIGH -> Turn on code tran smitting mode for the RS485 interface // Turn the driver pin to LOW -> Turn on reading mode for the RS485 interf ace delay(10); cmd[0] = 0x55; cmd[1] = 0xaa; cmd[2] = addr; cmd[3] = 0x00; cmd[4] = 0x21; for (i = 0; i < 5; i++) { sum_cmd += cmd[i]; } |