전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP009010 데이터시트(PDF) 2 Page - Multicomp Pro

부품명 MP009010
상세설명  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MULTICOMP [Multicomp Pro]
홈페이지  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP009010 데이터시트(HTML) 2 Page - Multicomp Pro

  MP009010 Datasheet HTML 1Page - Multicomp Pro MP009010 Datasheet HTML 2Page - Multicomp Pro MP009010 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
04/03/22
Schottky Barrier Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Electrical Characteristics (@ TA = 25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Max.
Unit
Maximum Instantaneous Forward Voltage*1
VF 
IF = 1.0A
@ TA = 25°C
0.85
V
Maximum Reverse Current*2
IR
Rated VR
@ TJ = 25°C
250
μA
@ TJ = 100°C
10
mA
Note*1: Pulse test: 300us pulse width, 1 % duty cycle
Note*2: Pulse test: Pulse width 40ms
Ratings and Characteristic Curves (@ TA = 25°C unless otherwise noted)
Fig.1 Forward Current Derating Curve
Fig.2 Surge Current Derating Curve
Fig.3 Typical Forward Voltage Characteristics
Fig.4 Typical Reverse Characteristics



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com