전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADS5294IPFPR.A 데이터시트(PDF) 25 Page - Texas Instruments

부품명 ADS5294IPFPR.A
상세설명  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR.A 데이터시트(HTML) 25 Page - Texas Instruments

Back Button ADS5294IPFPR.A Datasheet HTML 21Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 22Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 23Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 24Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 25Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 26Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 27Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 28Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
−80
−70
−60
−50
−40
−30
−20
−10
0.01
0.1
1
10
70
Frequency of signal on supply (MHz)
PSMR
PSRR
With 50mVpp signal
superimposed on AVDD supply
PSMR: 3MHz input signal applied
PSRR: No input signal applied
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
0.0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (fin/fs)
Low Pass
High pass
30
40
50
60
70
80
0
10
20
30
40
50
60
70
Frequency of CMRR signal (MHz)
With 50mVpp signal superimposed on input common−mode
Fin = 3 MHz
0.03
0.1
16.18
45.5
31.53
5.55
0.11
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
900
3900
6900
9900
12900
15900
Output_codes (dB)
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
900
3900
6900
9900
12900
15400
Output_codes (LSB)
25
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input, 14 Bit/ 80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 26. Integral Non-Linearity
Figure 27. Differential Non-Linearity
Figure 28. Histogram of Output Code With Analog Inputs
Shorted (RMS Noise = 96.4 uV) a note "RMS Noise = 96.4
uV" to Figure 28
Figure 29. Common Mode Rejection Ratio vs Frequency
Figure 30. Power-Supply Rejection Ratio vs Frequency
Figure 31. Filter Response, Decimate by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com