전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADS5294IPFPR.A 데이터시트(PDF) 54 Page - Texas Instruments

부품명 ADS5294IPFPR.A
상세설명  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR.A 데이터시트(HTML) 54 Page - Texas Instruments

Back Button ADS5294IPFPR.A Datasheet HTML 50Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 51Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 52Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 53Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 54Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 55Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 56Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 57Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
H(f)
H(f)
Set 1
Set 2
0.2*Fs
0.3*Fs
f
0.2*Fs
0.3*Fs
0.5*Fs
f
Set 4
Set 3
H(f)
H(f)
0.1*Fs
0.15*Fs
0.075*Fs
f
0.125*Fs
0.225*Fs
0.275*Fs
f
Set 6
Set 5
H(f)
H(f)
0.275*Fs
0.225*Fs
0.375*Fs
f
0.4*Fs 0.5*Fs f
0.35*Fs
54
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
A decimation filter can be introduced at the output of each channel. To enable this feature, the
GLOBAL_EN_FILTER should be set to ‘1’. Setting this bit to ‘1’ increases the overall latency of each channel to
20 clock cycles irrespective of whether the filter for that particular channel has been chosen or not (using the
USE_FILTER bit). The bits marked FILTERn_COEFF_SET<2:0>, FILTERn_RATE<2:0>, ODD_TAPn and
USE_FILTERn represent the controls for the filter for Channel n. Note that these bits are functional only when
the GLOBAL_EN_FILTER gets set to '1' and USE_FILTERn bit is set to '1'. For illustration, the controls for
channel 1 are listed in Table 17:
The USE_FILTER1 bit determines whether the filter for Channel 1 is used or not. When this bit is set to ‘1’, the
filter for channel 1 is enabled. When this bit is set to ‘0’, the filter for channel 1 is disabled but the channel data
passes through a dummy delay so that the overall latency of channel 1 is 20 clock cycles. With the
USE_FILTER1 bit set to ‘1’, the characteristics of the filter can be set by using the other sets of bits.
The ADS5294 has six sets of filter coefficients stored in memory. Each of these sets define a unique pass band
in the frequency domain and contain 12 coefficients (each coefficient is 12-bit long). These 12 coefficients are
used to implement either a symmetric 24-tap (even-tap) filter, or a symmetric 23-tap (odd-tap) filter. Setting the
register bit ODD_TAP1 to ‘1’ enables the odd-tap configuration (the default is even tap with this bit set to ‘0’) for
Channel 1. The bits FILTER1_COEFF_SET<2:0> are used to choose the required set of coefficients for Channel
1.
The passbands corresponding to of each of these filter coefficient sets is shown in Figure 56
Figure 56. Filter Types
Coefficient Sets 1 and 2 are the most appropriate when decimation by a factor of 2 is required, whereas
Coefficient Sets 3, 4, 5, and 6 are appropriate when decimation by a factor of 4 is desired. The computation rate
of the filter output is set independently using the bits FILTERn_RATE<2:0>. The settings are shown in Table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com