| 전자부품 데이터시트 검색엔진 |
|
AM26LS32AI 데이터시트(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AI 데이터시트(HTML) 24 Page - Texas Instruments |
|
24 / 35 page ![]() www.ti.com PACKAGE OUTLINE C 8.2 7.4 TYP 14X 1.27 16X 0.51 0.35 2X 8.89 0.15 TYP 0 - 10 0.3 0.1 2.00 MAX (1.25) 0.25 GAGE PLANE 1.05 0.55 A 10.4 10.0 NOTE 3 B 5.4 5.2 NOTE 4 4220735/A 12/2021 SOP - 2.00 mm max height NS0016A SOP NOTES: 1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15 mm, per side. 4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm, per side. 1 16 0.25 C A B 9 8 PIN 1 ID AREA SEATING PLANE 0.1 C SEE DETAIL A DETAIL A TYPICAL SCALE 1.500 |