| 전자부품 데이터시트 검색엔진 |
|
AM26LS32AI 데이터시트(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AI 데이터시트(HTML) 12 Page - Texas Instruments |
|
12 / 35 page ![]() 8 Detailed Description 8.1 Overview The AM26LS32 is a quadruple-differential line receiver that meets the necessary requirements for NSI TIA/ EIA-422-B, TIA/EIA-423-B, and ITU Recommendation V.10 and V.11. This device allows a low-power or low- voltage MCU to interface with heavy machinery, subsystems, and other devices through long wires of up to 1000 m, giving any design a reliable and easy-to-use connection. As any RS422 interface, the AM26LS32 works in a differential voltage range, which enables very good signal integrity. 8.2 Functional Block Diagram 4 12 2 1 3 6 7 5 10 9 11 14 15 13 G G 1A 1B 2A 2B 3A 3B 4A 4B 1Y 2Y 3Y 4Y Copyright © 2016, Texas Instruments Incorporated Figure 8-1. Logic Diagram (Positive Logic) 8.3 Feature Description The device can be configured using the G and G logic inputs to select receiver output. The high voltage or logic 1 on the G pin allows the device to operate on an active-high, and having a low voltage or logic 0 on the G enables active low operation. These are simple ways to configure the logic to match that of the receiving or transmitting controller or microprocessor. 8.4 Device Functional Modes The receivers implemented in these RS422 devices can be configured using the G and G logic pins to be enabled or disabled. This allows users to ignore or filter out transmissions as desired. Table 8-1. Function Table, Each Receiver DIFFERENTIAL A–B ENABLES(1) OUTPUT(1) Y G G VID ≥ VIT+ H X H X L H VIT– ≤ VID ≤ VIT+ H X ? X L ? VID ≤ VIT– H X L X L L X L H Z Open H X H X L H (1) H = High level, L = Low level, X = Irrelevant, Z = High impedance (off), ? = Indeterminate AM26LS32AC, AM26LS32AI, AM26LS32AM AM26LS33AC, AM26LS33AM SLLS115G – OCTOBER 1980 – REVISED AUGUST 2023 www.ti.com 12 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM26LS32AC AM26LS32AI AM26LS32AM AM26LS33AC AM26LS33AM |