전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2012IQT 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 TS2012IQT
상세설명  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012IQT 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button TS2012IQT Datasheet HTML 21Page - STMicroelectronics TS2012IQT Datasheet HTML 22Page - STMicroelectronics TS2012IQT Datasheet HTML 23Page - STMicroelectronics TS2012IQT Datasheet HTML 24Page - STMicroelectronics TS2012IQT Datasheet HTML 25Page - STMicroelectronics TS2012IQT Datasheet HTML 26Page - STMicroelectronics TS2012IQT Datasheet HTML 27Page - STMicroelectronics TS2012IQT Datasheet HTML 28Page - STMicroelectronics TS2012IQT Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Package information
TS2012
26/29
DocID14236 Rev 2
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.1
QFN20 package information
The QFN20 package has an exposed pad E2 x D2. For enhanced thermal performance, the
exposed pad must be soldered to a copper area on the PCB, acting as a heatsink. This
copper area can be electrically connected to pin 4, 12, 18 (PGND, AGND) or left floating.
Figure 47. QFN20 package mechanical drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29