전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3011 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TS3011
상세설명  Rail-to-rail high-speed comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TS3011 Datasheet HTML 8Page - STMicroelectronics TS3011 Datasheet HTML 9Page - STMicroelectronics TS3011 Datasheet HTML 10Page - STMicroelectronics TS3011 Datasheet HTML 11Page - STMicroelectronics TS3011 Datasheet HTML 12Page - STMicroelectronics TS3011 Datasheet HTML 13Page - STMicroelectronics TS3011 Datasheet HTML 14Page - STMicroelectronics TS3011 Datasheet HTML 15Page - STMicroelectronics TS3011 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
6.1
SOT23-5 package information
Figure 22. SOT23-5 package outline
Table 7. SOT23-5 mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.20
1.45
0.035
0.047
0.057
A1
0.15
0.006
A2
0.90
1.05
1.30
0.035
0.041
0.051
B
0.35
0.40
0.50
0.014
0.016
0.020
C
0.09
0.15
0.20
0.004
0.006
0.008
D
2.80
2.90
3.00
0.110
0.114
0.118
D1
1.90
0.075
e
0.95
0.037
E
2.60
2.80
3.00
0.102
0.110
0.118
F
1.50
1.60
1.75
0.059
0.063
0.069
L
0.10
0.35
0.60
0.004
0.014
0.024
K
0 degrees
10 degrees
0 degrees
10 degrees
TS3011
Package information
DS8604 - Rev 9
page 12/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20