전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ28Z610DRZR-R1.B 데이터시트(PDF) 36 Page - Texas Instruments

부품명 BQ28Z610DRZR-R1.B
상세설명  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610DRZR-R1.B 데이터시트(HTML) 36 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1.B Datasheet HTML 30Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 31Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 32Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 33Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 34Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 35Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 36Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 37Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
EXAMPLE BOARD LAYOUT
4218895/B 03/2022
www.ti.com
VSON - 1 mm max height
DRZ0012A
PLASTIC QUAD FLATPACK- NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
1
6
7
12
13
(R0.05) TYP
(Ø0.2) VIA
TYP
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
EXPOSED
METAL
METAL
SOLDER MASK
OPENING
EXPOSED
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
12X (0.6)
12X (0.2)
10X (0.4)
(3.8)
(2.45)
4X (0.2)
2X (2.25)
2X (0.725)
2X (0.975)
(2.9)
(1.95)
2X (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com