전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ28Z610DRZR-R1.B 데이터시트(PDF) 37 Page - Texas Instruments

부품명 BQ28Z610DRZR-R1.B
상세설명  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610DRZR-R1.B 데이터시트(HTML) 37 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1.B Datasheet HTML 30Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 31Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 32Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 33Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 34Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 35Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 36Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 37Page - Texas Instruments BQ28Z610DRZR-R1.B Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
EXAMPLE STENCIL DESIGN
4218895/B 03/2022
www.ti.com
VSON - 1 mm max height
DRZ0012A
PLASTIC QUAD FLATPACK- NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
EXPOSED PAD
79% PRINTED COVERAGE BY AREA
SCALE: 20X
SYMM
SYMM
1
6
7
12
13
METAL TYP
(3.8)
10X (0.4)
12X (0.6)
12X (0.2)
2X (1.75)
4X (0.375)
2X (0.64)
2X (1.08)
4X (0.2)
2X (2.25)
(0.05) TYP
4X (1.2625)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com