전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB85RS4MLY 데이터시트(PDF) 16 Page - RAMXEED LIMITED

부품명 MB85RS4MLY
상세설명  4M (512 K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMXEED [RAMXEED LIMITED]
홈페이지  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MLY 데이터시트(HTML) 16 Page - RAMXEED LIMITED

Back Button MB85RS4MLY Datasheet HTML 12Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 13Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 14Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 15Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 16Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 17Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 18Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 19Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 20Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MB85RS4MLY(AEC-Q100 Compliant)
16
DS501-00068-3v0-E
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(within recommended operating conditions)
*1 : Applicable pin : CS, WP, SCK, SI
*2 : Applicable pin : SO
*3 : Input voltage magnitude : VDD  0.2 V or VSS
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input leakage current*1
|ILI|
CS  VDD
25 C
1
A
125 C
2
WP, SCK,SI
0 V to VDD
25 C
1
125 C
2
Output leakage current*2
|ILO|
SO  0 V to VDD
25 C
1
A
125 C
2
Operating power supply
current*3
IDD
SCK  50MHz
3.0
3.5
mA
Standby current
ISB
SCK  SI  CS  WP  VDD
2.6
340
A
Input high voltage
VIH
VDD = 1.7 V to 1.95 V
VDD  0.7
VDD  0.5
V
Input low voltage
VIL
VDD = 1.7 V to 1.95 V
0.5
VDD  0.3
V
Output high voltage
VOH
IOH   2 mA
VDD  0.5
V
Output low voltage
VOL
IOL  2 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com