전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB85RS4MLY 데이터시트(PDF) 25 Page - RAMXEED LIMITED

부품명 MB85RS4MLY
상세설명  4M (512 K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMXEED [RAMXEED LIMITED]
홈페이지  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MLY 데이터시트(HTML) 25 Page - RAMXEED LIMITED

Back Button MB85RS4MLY Datasheet HTML 21Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 22Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 23Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 24Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 25Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 26Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 27Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 28Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 29Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
MB85RS4MLY(AEC-Q100 Compliant)
DS501-00068-3v0-E
25
PACKING INFORMATION
1. Emboss Tape
1.2 Tape Dimensions (not drawn to scale)
(8-pin plastic DFN 5mm  6mm)
Maximum storage capacity
pcs/reel(Φ330mm)
pcs/inner box
pcs/uter boxo
1500
1500
(1 pack/inner box)
9000
(6 inner boxes/outer box:Max)
(Dimensions in mm)
Heat proof temperature : No heat resistance.
Package should not be baked by using tape and
reel.
8.0
4.0
0.3
2.0
B
B
AA
5.5
SEC.A-A
SEC.B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com