전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB85RS4MT 데이터시트(PDF) 14 Page - RAMXEED LIMITED

부품명 MB85RS4MT
상세설명  4 M (512 K X 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMXEED [RAMXEED LIMITED]
홈페이지  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MT 데이터시트(HTML) 14 Page - RAMXEED LIMITED

Back Button MB85RS4MT Datasheet HTML 10Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 11Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 12Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 13Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 14Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 15Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 16Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 17Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
MB85RS4MT
14
DS501-00053-3v1-E
2. AC Characteristics
AC Test Condition
Power supply voltage : 1.8 V to 3.6 V
Operation ambient temperature :  40 C to  85 C
Input voltage magnitude : VDD  0.7  VIH  VDD
0  VIL  VDD  0.3
Input rising time : 5 ns
Input falling time : 5 ns
Input judge level : VDD/2
Output judge level : VDD/2
Parameter
Symbol
Value
Unit
VDD  1.8 V to 2.7 V
VDD  2.7 V to 3.6 V
Min
Max
Min
Max
SCK clock frequency
fCK
0
33
0
40
MHz
Clock high time
tCH
13
11
ns
Clock low time
tCL
13
11
ns
Chip select set up time
tCSU
10
10
ns
Chip select hold time
tCSH
10
10
ns
Output disable time
tOD
12
-
12
ns
Output data valid time
tODV
13
-
9
ns
Output hold time
tOH
0
0
ns
Deselect time
tD
40
40
ns
Data in rising time
tR
50
-
50
ns
Data falling time
tF
50
-
50
ns
Data set up time
tSU
5
5
ns
Data hold time
tH
5
5
ns
HOLD set uptime
tHS
10
10
ns
HOLD hold time
tHH
10
10
ns
HOLD output floating time
tHZ
20
20
ns
HOLD output active time
tLZ
20
20
ns
SLEEP recovery time
tREC
400
400
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com