전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB85RS4MT 데이터시트(PDF) 23 Page - RAMXEED LIMITED

부품명 MB85RS4MT
상세설명  4 M (512 K X 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMXEED [RAMXEED LIMITED]
홈페이지  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MT 데이터시트(HTML) 23 Page - RAMXEED LIMITED

Back Button MB85RS4MT Datasheet HTML 19Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 20Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 21Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 22Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 23Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 24Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 25Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 26Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 27Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
MB85RS4MT
DS501-00053-3v1-E
23
PACKING INFORMATION
1. Tube (MB85RS4MTPF-G-BCE1)
1.1 Tube Dimensions
• Tube/stopper shape (example)
•
Tube cross-sections and Maximum quantity
•
Direction of index in tube
Maximum quantity
pcs/tube
pcs/inner box pcs/outer box
No heat resistance.
Package should not be baked by using tube.
80
4,000
(50 tube/inner
box)
16,000
(Max:4 inner box/
outer box)
tube length: 508
(Dimensions in mm)
Stopper
Tube
10.6
Index mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com