| 전자부품 데이터시트 검색엔진 |
|
BQ25713 데이터시트(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
BQ25713 데이터시트(HTML) 43 Page - Texas Instruments |
|
43 / 111 page ![]() Host has to write LSB bit first and then move on to MSB bit. No other command can be inserted in between these two writes. The charger waits for the complete write to the two registers to decide whether to accept or ignore the new value. After the completion of LSB and MSB bytes, the two bytes will be updated at the same time. If host writes MSB byte first, the command will be ignored. If the time between write of LSB and MSB bytes exceeds watchdog timer, both the LSB and MSB commands will be ignored. www.ti.com BQ25730 SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 43 Product Folder Links: BQ25730 |