| 전자부품 데이터시트 검색엔진 |
|
MB89R119B 데이터시트(PDF) 12 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB89R119B 데이터시트(HTML) 12 Page - RAMXEED LIMITED |
|
12 / 46 page ![]() MB89R119B 12 DS411-00002-4v0-E 2-2.Data frame Frames are delimited by a start of frame (SOF) and an end of frame (EOF) and implemented using code violation. The following figure shows the SOF and EOF signals sent in high data rate mode when an ISO command is received, and the next following figure shows the same signals when a fast command is received. For the low data rate, both ISO command and fast command, the same subcarrier frequency is used, in this case the number of pulses and the timing shall be multiplied by 4. The reader/writer shall be ready to receive a frame from the transponder within 300 s after having sent a frame to the transponder. 56.64 μs 37.76 μs 56.64 μs 56.64 μs 56.64 μs 37.76 μs 423.75 kHz subcarrier SOF EOF Waveforms of SOF and EOF signals of a frame sent from a transponder (ISO commands) 28.32 μs 28.32 μs 28.32 μs 28.32 μs 18.88 μs 18.88 μs 423.75 kHz Subcarrier 423.75 kHz Subcarrier SOF EOF Waveforms of SOF and EOF signals of a frame sent from a transponder (fast commands) |