전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATQ237SSZ 데이터시트(PDF) 21 Page - Panasonic Semiconductor

부품명 ATQ237SSZ
상세설명  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ237SSZ 데이터시트(HTML) 21 Page - Panasonic Semiconductor

Back Button ATQ237SSZ Datasheet HTML 14Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 15Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 16Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 17Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 18Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 19Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 20Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 21Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 22Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB414E 202210
Panasonic Industry Co., Ltd. 2022
GUIDELINES FOR SIGNAL RELAYS USAGE
Please refer to "the latest product specifications"
when designing your product.
•Requests to customers:
https://industrial.panasonic.com/ac/e/salespolicies/
■ Cleaning
• Although the environmentally sealed type relay (plastic
sealed type,etc. ) can be cleaned, avoid immersing
the relay into cold liquid ( such as cleaning solvent )
immediately after soldering.
Doing so may deteriorate the sealing performance.
• Surface-mount terminal type relay is sealed type and it
can be cleaned by immersion.
Use pure water or alcohol-based cleaning solvent.
OTHERS
• Cleaning with the boiling method is recommended ( The
temperature of cleaning liquid should be 40℃ or lower ).
Avoid ultrasonic cleaning on relays.
Use of ultrasonic cleaning may cause breaks in the coil
or slight sticking of the contacts due to the ultrasonic
energy.
ー 20 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com