전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATQ237SSZ 데이터시트(PDF) 14 Page - Panasonic Semiconductor

부품명 ATQ237SSZ
상세설명  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ237SSZ 데이터시트(HTML) 14 Page - Panasonic Semiconductor

Back Button ATQ237SSZ Datasheet HTML 10Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 11Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 12Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 13Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 14Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 15Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 16Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 17Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
Signal Relays ( 2 A or less ) TQ RELAYS
Direction indication
+
−
10
14
3
7
2
9
5
6
8
Direction indication
−
−
+
+
10
14
3
7
2
9
5
6
8
Direction indication
−
+
10
14
3
7
2
9
5
6
8
■ Surface-mount terminal
Type
External dimensions
Recommended PC board pattern
( TOP VIEW )
SA
General tolerance :±0.3
0.5
2.54
14
11.5±0.5
7.62
2.54
1
Tolerance :±0.1
SL
General tolerance :±0.3
0.5
2.54
14
11.5±0.5
7.62
2.54
1
Tolerance :±0.1
SS
General tolerance :±0.3
0.5
2.54
14
9.3±0.5
7.62
2.54
1
Tolerance :±0.1
Schematic
( TOP VIEW )
Single side stable
( De-energize )
1 coil latching
( Reset )
2 coil latching
( Reset )
CAD
ー 13 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com