| 전자부품 데이터시트 검색엔진 |
|
L9678P 데이터시트(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P 데이터시트(HTML) 46 Page - STMicroelectronics |
|
46 / 215 page ![]() 0 1 0 1 1 0 0 1 $59 0 1 0 1 1 0 1 0 $5A 0 1 0 1 1 0 1 1 $5B 0 1 0 1 1 1 0 0 $5C 0 1 0 1 1 1 0 1 $5D 0 1 0 1 1 1 1 0 $5E 0 1 0 1 1 1 1 1 $5F 0 1 1 0 0 0 0 0 $60 0 1 1 0 0 0 0 1 $61 0 1 1 0 0 0 1 0 $62 0 1 1 0 0 0 1 1 $63 0 1 1 0 0 1 0 0 $64 0 1 1 0 0 1 0 1 $65 0 1 1 0 0 1 1 0 $66 R/W SAF_ALGO_CONF Safing Algorithm configuration register X 0 1 1 0 0 1 1 1 $67 0 1 1 0 1 0 0 0 $68 0 1 1 0 1 0 0 1 $69 0 1 1 0 1 0 1 0 $6A R ARM_STATE Status of internal arming signals FENH, FENL, ARMx 0 1 1 0 1 0 1 1 $6B 0 1 1 0 1 1 0 0 $6C 0 1 1 0 1 1 0 1 $6D 0 1 1 0 1 1 1 0 $6E R/W LOOP_MATRIX_ARM1 Assignment of ARM 1 pin to which LOOPS X 0 1 1 0 1 1 1 1 $6F R/W LOOP_MATRIX_ARM2 Assignment of ARM 2 pin to which LOOPS X 0 1 1 1 0 0 0 0 $70 Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |