| 전자부품 데이터시트 검색엔진 |
|
L9678P 데이터시트(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P 데이터시트(HTML) 98 Page - STMicroelectronics |
|
98 / 215 page ![]() SPI interface L9678P, L9678P-S 98/216 DS11626 Rev 9 1 On LCID[0:3] 0000 0000 0000 Logical Channel ID Updated based on SPI read request 0000 RSU0 0100 RSU1 STG 0 0 0 Short to Ground (in current limit condition) Cleared by SSM_RESET or when channel is commanded OFF via SPI RSCTRL 0 No fault 1 Fault STB 0 0 0 Short to Battery Cleared by SSM_RESET or SPI read or when channel is commanded OFF via SPI RSCTRL - not cleared by channel OFF caused by STG or RSTEMP Set when channel voltage exceeds VSUP for a time greater than TSTBTH 0 No fault 1 Fault CURRENT_HI 0 0 0 Current High Cleared by SSM_RESET or SPI read or when channel is commanded OFF via SPI RSCTRL Set when channel current exceeds ILKGG for a time determined by an up/down counter 0 No fault 1 Fault OPENDET 0 0 0 Open Sensor Detected Cleared by SSM_RESET or SPI read or when channel is commanded OFF via SPI RSCTRL Set when channel current exceeds ILKGB for a time determined by an up/down counter 0 No fault 1 Fault RSTEMP 0 0 0 Over temperature detected Cleared by SSM_RESET or when channel is commanded OFF via SPI RSCTRL Set when over-temp condition is detected 0 No fault 1 Fault |