전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS250DF230ZLSR 데이터시트(PDF) 45 Page - Texas Instruments

부품명 DS250DF230ZLSR
상세설명  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DS250DF230ZLSR 데이터시트(HTML) 45 Page - Texas Instruments

Back Button DS250DF230ZLSR Datasheet HTML 41Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 42Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 43Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 44Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 45Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 46Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 47Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 48Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 119 page
background image
Table 8-10. Channel Registers, 0 to 39 (continued)
ADDRESS
(HEX)
BITS
DEFAULT
VALUE
(HEX)
MODE
EEPROM
FIELD NAME
DESCRIPTION
11
7
0
RW
Y
EOM_SEL_VRANGE[1]
Manually set the EOM vertical range,
used with channel Reg_0x2C[6]:
00: ±100 mV
01: ±200 mV
10: ±300 mV
11: ±400 mV
6
0
RW
Y
EOM_SEL_VRANGE[0]
5
1
RW
Y
EOM_PD
1: Normal operation. Eye opening
monitor (EOM) is automatically duty-
cycled.
0: EOM is force-enabled
4
0
RW
N
RESERVED
RESERVED
3
0
RW
Y
DFE_TAP2_POL
Bit forces DFE tap 2 polarity
1: Negative, boosts by the specified
tap weight
0: Positive, attenuates by the specified
tap weight
2
0
RW
Y
DFE_TAP3_POL
Bit forces DFE tap 3 polarity
1: Negative, boosts by the specified
tap weight
0: Positive, attenuates by the specified
tap weight
1
0
RW
Y
DFE_TAP4_POL
Bit forces DFE tap 4 polarity
1: Negative, boosts by the specified
tap weight
0: Positive, attenuates by the specified
tap weight
0
0
RW
Y
DFE_TAP5_POL
Bit forces DFE tap 5 polarity
1: Negative, boosts by the specified
tap weight
0: Positive, attenuates by the specified
tap weight
12
7
1
RW
Y
DFE_TAP1_POL
Bit forces DFE tap 1 polarity
1: Negative, boosts by the specified
tap weight
0: Positive, attenuates by the specified
tap weight
6
0
RW
N
RESERVED
RESERVED
5
0
RW
Y
RESERVED
RESERVED
4
0
RW
Y
DFE_WT1[4]
These bits force DFE tap 1 weight.
Manual DFE operation is required
for this to take effect by setting
Reg_0x15[7]=1.
If Reg_0x15[7]=0, the value defined
here is used as the initial DFE tap 1
weight during adaptation.
3
0
RW
Y
DFE_WT1[3]
2
0
RW
Y
DFE_WT1[2]
1
1
RW
Y
DFE_WT1[1]
0
1
RW
Y
DFE_WT1[0]
www.ti.com
DS250DF230
SNLS590C – AUGUST 2018 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: DS250DF230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com