전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS250DF230ZLSR 데이터시트(PDF) 53 Page - Texas Instruments

부품명 DS250DF230ZLSR
상세설명  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DS250DF230ZLSR 데이터시트(HTML) 53 Page - Texas Instruments

Back Button DS250DF230ZLSR Datasheet HTML 49Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 50Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 51Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 52Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 53Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 54Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 55Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 56Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 119 page
background image
Table 8-10. Channel Registers, 0 to 39 (continued)
ADDRESS
(HEX)
BITS
DEFAULT
VALUE
(HEX)
MODE
EEPROM
FIELD NAME
DESCRIPTION
27
7
0
R
N
HEO7
HEO value, requires CDR to be locked
for valid measurement
6
0
R
N
HEO6
5
0
R
N
HEO5
4
0
R
N
HEO4
3
0
R
N
HEO3
2
0
R
N
HEO2
1
0
R
N
HEO1
0
0
R
N
HEO0
28
7
0
R
N
VEO7
VEO value, requires CDR to be locked
for valid measurement
6
0
R
N
VEO6
5
0
R
N
VEO5
4
0
R
N
VEO4
3
0
R
N
VEO3
2
0
R
N
VEO2
1
0
R
N
VEO1
0
0
R
N
VEO0
29
7
0
RW
N
RESERVED
RESERVED
6
0
R
N
EOM_VRANGE_SETTING[1]
Read the currently set Eye Monitor
Voltage Range:
11 - +/-400mV
10 - +/- 300mV
01 - +/- 200mV
00 - +/- 100mV"
5
0
R
N
EOM_VRANGE_SETTING[0]
4
0
RW
N
RESERVED
RESERVED
3
0
RW
N
RESERVED
RESERVED
2
0
RW
N
RESERVED
RESERVED
1
0
R
N
VEO[8]
VEO MSB value
0
0
R
N
HEO[8]
HEO MSB value
www.ti.com
DS250DF230
SNLS590C – AUGUST 2018 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: DS250DF230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com