전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS2550DBVT 데이터시트(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS2550DBVT
상세설명  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS2550DBVT 데이터시트(HTML) 22 Page - Texas Instruments

Back Button TPS2550DBVT Datasheet HTML 18Page - Texas Instruments TPS2550DBVT Datasheet HTML 19Page - Texas Instruments TPS2550DBVT Datasheet HTML 20Page - Texas Instruments TPS2550DBVT Datasheet HTML 21Page - Texas Instruments TPS2550DBVT Datasheet HTML 22Page - Texas Instruments TPS2550DBVT Datasheet HTML 23Page - Texas Instruments TPS2550DBVT Datasheet HTML 24Page - Texas Instruments TPS2550DBVT Datasheet HTML 25Page - Texas Instruments TPS2550DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
www.ti.com
OUT
IN
GND
FAULT
ILIM
EN
Input
TPS2551
PowerPad
Output
10kW
STAT
ExternalLogic
EnableSignal
SN74HC00D
0.1 F
m
0.1 F
m
R
10k
FAULT
W
15kW
CLOAD
RLOAD
TWO-LEVEL CURRENT-LIMIT CIRCUIT
OUT
IN
GND
FAULT
ILIM
EN
ControlSignal
Input
TPS2550/51
FAULT Signal
PowerPad
Output
CurrentLimit
ControlSignal
0.1 F
m
R
100k
FAULT
W
R1
80.6kW
R2
20kW
CLOAD
RLOAD
Q1
2N7002
TPS2550
TPS2551
SLVS736 – FEBRUARY 2008
Figure 24. Overcurrent Latch-Off Using a Quad-NAND Gate
Some applications require different current-limit thresholds depending on external system conditions. Figure 25
shows an implementation for an externally controlled, two-level current-limit circuit. The current-limit threshold is
set by the total resistance from ILIM to GND (see previously discussed "Programming the Current-Limit
Threshold" section). A logic-level input enables/disables MOSFET Q1 and changes the current-limit threshold by
modifying the total resistance from ILIM to GND. Additional MOSFETs/resistor combinations can be used in
parallel to Q1/R2 to increase the number of additional current-limit levels.
NOTE:
ILIM should never be driven directly with an external signal.
Figure 25. Two-Level Current-Limit Circuit
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2550 TPS2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com