전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5963 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 L5963
상세설명  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button L5963_V01 Datasheet HTML 24Page - STMicroelectronics L5963_V01 Datasheet HTML 25Page - STMicroelectronics L5963_V01 Datasheet HTML 26Page - STMicroelectronics L5963_V01 Datasheet HTML 27Page - STMicroelectronics L5963_V01 Datasheet HTML 28Page - STMicroelectronics L5963_V01 Datasheet HTML 29Page - STMicroelectronics L5963_V01 Datasheet HTML 30Page - STMicroelectronics L5963_V01 Datasheet HTML 31Page - STMicroelectronics L5963_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Functional Description
L5963
28/49
DocID028553 Rev 3
Under voltage lock out (UVLO)
The UVLO circuit generates the shutdown signal to turn off DC/DCs when VBAT is lower
than the specified threshold. They are turned back on once VBAT goes above the detection
threshold with the specified hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49