전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5963 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 L5963
상세설명  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button L5963_V01 Datasheet HTML 35Page - STMicroelectronics L5963_V01 Datasheet HTML 36Page - STMicroelectronics L5963_V01 Datasheet HTML 37Page - STMicroelectronics L5963_V01 Datasheet HTML 38Page - STMicroelectronics L5963_V01 Datasheet HTML 39Page - STMicroelectronics L5963_V01 Datasheet HTML 40Page - STMicroelectronics L5963_V01 Datasheet HTML 41Page - STMicroelectronics L5963_V01 Datasheet HTML 42Page - STMicroelectronics L5963_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DocID028553 Rev 3
39/49
L5963
Package information
48
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
Package variation
This device use package Variations Option B to define exposed pad (see Table 11) or
slug-up (see Table 12) dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49