전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5963 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 L5963
상세설명  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 41Page - STMicroelectronics L5963 Datasheet HTML 42Page - STMicroelectronics L5963 Datasheet HTML 43Page - STMicroelectronics L5963 Datasheet HTML 44Page - STMicroelectronics L5963 Datasheet HTML 45Page - STMicroelectronics L5963 Datasheet HTML 46Page - STMicroelectronics L5963 Datasheet HTML 47Page - STMicroelectronics L5963 Datasheet HTML 48Page - STMicroelectronics L5963 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
DocID028553 Rev 3
47/49
L5963
Package information
48
Figure 20. PowerSSO-36 (slug up) marking information
Figure 21. VFQFPN-48 (7x7x1.0) marking information
Parts marked as ‘ES’ are not yet qualified and therefore not approved for use in production.
ST is not responsible for any consequences resulting from such use. In no event will ST be
liable for the customer using any of these engineering samples in production. ST’s Quality
department must be contacted to run a qualification activity prior to any decision to use
these engineering samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49