전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9300 데이터시트(PDF) 145 Page - STMicroelectronics

부품명 L9300
상세설명  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 데이터시트(HTML) 145 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 141Page - STMicroelectronics L9300 Datasheet HTML 142Page - STMicroelectronics L9300 Datasheet HTML 143Page - STMicroelectronics L9300 Datasheet HTML 144Page - STMicroelectronics L9300 Datasheet HTML 145Page - STMicroelectronics L9300 Datasheet HTML 146Page - STMicroelectronics L9300 Datasheet HTML 147Page - STMicroelectronics L9300 Datasheet HTML 148Page - STMicroelectronics L9300 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 178 page
background image
KGAINS
KGAINS
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
Address:
Channel_X_BaseAddress + 0x07
Type:
RW
Reset:
0b0000 0000 0000 0001 1100
Description:
Register stores KI (Integral error gain: HW mode current control) and KP (Proportional error gain: HW mode current
control).
[19:6] unused
[5:3] KI: Integral Gain of HW current control loop see Hardware current control
Reset events: VB_UV, GND_LOSS, POR, RES1
[2:0] KP: Proportional Gain of HW current control loop see Hardware current control
Reset events: VB_UV, GND_LOSS, POR, RES1
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 145/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More