전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9347LF-TR 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 L9347LF-TR
상세설명  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347LF-TR 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button L9347LF-TR Datasheet HTML 21Page - STMicroelectronics L9347LF-TR Datasheet HTML 22Page - STMicroelectronics L9347LF-TR Datasheet HTML 23Page - STMicroelectronics L9347LF-TR Datasheet HTML 24Page - STMicroelectronics L9347LF-TR Datasheet HTML 25Page - STMicroelectronics L9347LF-TR Datasheet HTML 26Page - STMicroelectronics L9347LF-TR Datasheet HTML 27Page - STMicroelectronics L9347LF-TR Datasheet HTML 28Page - STMicroelectronics L9347LF-TR Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
L9347
Timing diagrams
25/29
Figure 15.
Current regulation error (e.g. as a result of voltage reduction)
Figure 16.
Over temperature
99AT0071
V
IN
V
ST
500
μs
t
RE
target current
PWM
ratio = 90%
V
Q
I
Q
99AT0072
V
IN
V
ST
500ms
target current
V
Q
t
DREG
Reset Fail
register
Over temperature
Condition
Set Fail
register
I
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com