전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9935 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 L9935
상세설명  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
L9935
Application hints
Doc ID 5198 Rev 10
11/29
4
Application hints
Figure 3.
General application circuit proposal
C1 and C2 should be placed as close to the device as possible. Low ESR of C2 is
advantageous. Peak currents through C1 and C2 may reach 2 A. Care should be taken that
the resonance of C1, C2 together with supply wire inductances is not the chopping
frequency or a multiple of it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29