| 전자부품 데이터시트 검색엔진 |
|
L9935 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9935 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 29 page ![]() L9935 Functional description Doc ID 5198 Rev 10 23/29 5.16 Application information For driving a stepper motor we suggest to use the following codes. The columned ’SDO correct’ shows the data returned at SDO in correct function. The columns presented under ’Error cases’ display the diagnosis bits if errors are detected. Examples of control sequences. These sequences are intended to give the user a good starting point for his software development. Besides these two there are further possibilities how to implement control sequences for this device (other currents, quarters step etc.). Double errors: Double errors will create composite codes by an AND operation between columns of the same dominance. Open and short to VS are the least dominant error codes. (first 6 error code columns). Short to ground is the second dominant error code. detection of short to gnd will overwrite error codes of the least dominant kind (open, short to VS). Temperature pre alarm and thermal shut down are the most dominant error codes. Thermal pre alarm returns error code 00 but the device still is working and returns the appropriate operation code (bits 0..5). Thermal shut down returns error code 00 and turns off the device. The opcode returned corresponds the action eventually performed (bit 0..5 become 1). For example open bridge A and simultaneously open bridge B will lead to error code 01 by performing an AND operation between the two corresponding columns. Table 10. Full step mode control sequences and diagnosis response SDI SDO correct Error cases and SDObit7, bit6 -- A O P E N B O P E N A1 S H O R T VS A2 S H O R T VS B1 S H O R T VS B2 S H O R T VS A1 (1) S H O R T GND A2 (1) S H O R T GND B1 (1) S H O R T GND B2 (1) S H O R T GND therm. therm. alarm shut down (reset operating codes) bit 76543210 76543210 76 76 76 76 76 76 76 76 76 76 76 76543210 XX111111 SDO present last data or 11111111 in case prev. state was standby XX011011 XX010011 XX010010 XX011010 XX011011 XX010011 XX010010 XX011010 11111111 11011011 11010011 11010010 11011010 11011011 11010011 11010010 11 11 01 11 01 11 01 11 11 11 11 01 11 01 11 01 11 11 01 01 01 11 01 01 11 01 01 11 01 01 01 11 11 11 11 01 01 01 11 01 11 01 01 01 11 01 01 01 11 10 01 11 10 10 01 11 11 11 10 10 01 11 10 10 11 10 10 01 11 10 10 01 11 11 11 10 10 01 11 10 00 00 00 00 00 00 00 00 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 1. Motor resistance approximately 10 and V S = 12V. So a short to ground only is detected on one branch of the bridge. Lower resistivity of the motor may lead to detection of short to ground on both branches of the bridge leading to code 10 on all steps. |