전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

INA209 데이터시트(PDF) 36 Page - Texas Instruments

부품명 INA209
상세설명  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

INA209 데이터시트(HTML) 36 Page - Texas Instruments

Back Button INA209 Datasheet HTML 32Page - Texas Instruments INA209 Datasheet HTML 33Page - Texas Instruments INA209 Datasheet HTML 34Page - Texas Instruments INA209 Datasheet HTML 35Page - Texas Instruments INA209 Datasheet HTML 36Page - Texas Instruments INA209 Datasheet HTML 37Page - Texas Instruments INA209 Datasheet HTML 38Page - Texas Instruments INA209 Datasheet HTML 39Page - Texas Instruments INA209 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Table 7-40. Power-Valid Lower-Limit Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-0
Reserved
R/W
0h
Reserved
7.6.2.19 Manufacturer ID Register (address = FEh) [reset = 5449h]
This register contains a factory-programmable identification value that identifies this device as being
manufactured by Texas Instruments. This register distinguishes this device from other devices that are on the
same I2C bus. The contents of this register are 5449h, or TI in ASCII.
Table 7-41. Manufacturer ID Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
R-0
R-1
R-0
R-1
R-0
R-1
R-0
R-0
R-0
R-1
R-0
R-0
R-1
R-0
R-0
R-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-42. Manufacturer ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
D15-0
R
5449h
Manufacturer ID bits
7.6.2.20 Die ID Register (address = FFh) [reset = 3220]
This register contains a factory-programmable identification value that identifies this device as an INA3221. This
register distinguishes this device from other devices that are on the same I2C bus. The Die ID for the INA3221 is
3220h.
Table 7-43. Die ID Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
R-0
R-0
R-1
R-1
R-0
R-0
R-1
R-0
R-0
R-0
R-1
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-44. Die ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
D15-0
R
3220h
Die ID bits
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com