| 전자부품 데이터시트 검색엔진 |
|
STM32L151XD 데이터시트(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151XD 데이터시트(HTML) 50 Page - STMicroelectronics |
|
50 / 154 page ![]() PA12 - - - - - SPI1_MOSI - USART1_RTS - - - TIMx_IC1 EVENT OUT PA13 JTMS-SWDIO - - - - - - - - - - TIMx_IC2 EVENT OUT PA14 JTCK-SWCLK - - - - - - - - - - TIMx_IC3 EVEN TOUT PA15 JTDI TIM2_CH1_ETR - - - SPI1_NSS SPI3_NSS I2S3_WS -- SEG17 - TIMx_IC4 EVEN TOUT PB0 - - TIM3_CH3 - - - - - SEG5 - - EVEN TOUT PB1 - - TIM3_CH4 - - - - - - SEG6 - - EVENT OUT PB2 BOOT1 - - - - - - - - - - - EVENT OUT PB3 JTDO TIM2_CH2 - - - SPI1_SCK SPI3_SCK I2S3_CK -- SEG7 - - EVENT OUT PB4 NJTRST - TIM3_CH1 - - SPI1_MISO SPI3_MISO - - SEG8 - - EVENT OUT PB5 - - TIM3_CH2 - I2C1_ SMBA SPI1_MOSI SPI3_MOSI I2S3_SD -- SEG9 - - EVENT OUT PB6 - - TIM4_CH1 - I2C1_SCL - - USART1_TX - - - - EVENT OUT PB7 - - TIM4_CH2 - I2C1_SDA - - USART1_RX - - NADV - EVENT OUT PB8 - - TIM4_CH3 TIM10_CH1 I2C1_SCL - - - - SEG16 SDIO_D4 - EVENT OUT PB9 - - TIM4_CH4 TIM11_CH1 I2C1_SDA - - - - COM3 SDIO_D5 - EVENT OUT PB10 - TIM2_CH3 - - I2C2_SCL - - USART3_TX - SEG10 - - EVENT OUT Table 9. Alternate function input/output (continued) Port name Digital alternate function number AFIO0 AFIO1 AFIO2 AFIO3 AFIO4 AFIO5 AFIO6 AFIO7 AFIO8 .. AFIO11 AFIO12 .. AFIO14 AFIO15 Alternate function SYSTEM TIM2 TIM3/4/5 TIM9/ 10/11 I2C1/2 SPI1/2 SPI3 USART1/2/3 UART4/5 LCD FSMC/ SDIO CPRI SYSTEM |