| 전자부품 데이터시트 검색엔진 |
|
STM32L151XD 데이터시트(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151XD 데이터시트(HTML) 42 Page - STMicroelectronics |
|
42 / 154 page ![]() Pin descriptions STM32L151xD STM32L152xD 42/154 DocID022027 Rev 11 31 - 20 - - VREF- S- VREF- -- 32 L1 21 - - VREF+ S- VREF+ -- 33 M1 22 13 G8 VDDA S- VDDA -- 34 L2 23 14 F6 PA0-WKUP1 I/O FT PA0 TIM2_CH1_ETR/ TIM5_CH1/ USART2_CTS WKUP1/ RTC_TAMP2/ ADC_IN0/ COMP1_INP 35 M2 24 15 E6 PA1 I/O FT PA1 TIM2_CH2/TIM5_CH2/ USART2_RTS/ LCD_SEG0 ADC_IN1/ COMP1_INP/ OPAMP1_VINP 36 - 25 16 H8 PA2 I/O FT PA2 TIM2_CH3/TIM5_CH3/ TIM9_CH1/ USART2_TX/LCD_SEG1 ADC_IN2/ COMP1_INP/ OPAMP1_VINM - K3 - - - PA2 I/O FT PA2 TIM2_CH3/TIM5_CH3/ TIM9_CH1/ USART2_TX/LCD_SEG1 ADC_IN2/ COMP1_INP -M3 - - - OPAMP1_VI NM ITC OPAMP1_ VINM -- 37 L3 26 17 G7 PA3 I/O TC PA3 TIM2_CH4/TIM5_CH4/ TIM9_CH2/ USART2_RX/LCD_SEG2 ADC_IN3/ COMP1_INP/ OPAMP1_VOUT 38 - 27 18 F5 VSS_4 S- VSS_4 -- 39 - 28 19 G6 VDD_4 S- VDD_4 -- 40 J4 29 20 H7 PA4 I/O TC PA4 SPI1_NSS/SPI3_NSS/ I2S3_WS/USART2_CK ADC_IN4/ DAC_OUT1/ COMP1_INP 41 K4 30 21 E5 PA5 I/O TC PA5 TIM2_CH1_ETR/ SPI1_SCK ADC_IN5/ DAC_OUT2/ COMP1_INP 42 L4 31 22 G5 PA6 I/O FT PA6 TIM3_CH1/TIM10_CH1/ SPI1_MISO/ LCD_SEG3 ADC_IN6/ COMP1_INP/ OPAMP2_VINP 43 - 32 23 G4 PA7 I/O FT PA7 TIM3_CH2/TIM11_CH1/ SPI1_MOSI/ LCD_SEG4 ADC_IN7/ COMP1_INP/ OPAMP2_VINM Table 8. STM32L151xD and STM32L152xD pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |