전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L151RDT6 데이터시트(PDF) 46 Page - STMicroelectronics

부품명 STM32L151RDT6
상세설명  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RDT6 데이터시트(HTML) 46 Page - STMicroelectronics

Back Button STM32L151RDT6 Datasheet HTML 42Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 43Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 44Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 45Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 46Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 47Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 48Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 49Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 154 page
background image
Pin descriptions
STM32L151xD STM32L152xD
46/154
DocID022027 Rev 11
100 D11 67 41 E4
PA8
I/O
FT
PA8
USART1_CK/MCO/
LCD_COM0
-
101 D10 68 42 D2
PA9
I/O
FT
PA9
USART1_TX / LCD_COM1
-
102 C12 69 43 D3
PA10
I/O
FT
PA10
USART1_RX / LCD_COM2
-
103 B12 70 44 C1
PA11
I/O
FT
PA11
USART1_CTS/ SPI1_MISO
USB_DM
104 A12 71 45 C2
PA12
I/O
FT
PA12
USART1_RTS/ SPI1_MOSI
USB_DP
105 A11 72 46 D4
PA13
I/O
FT
JTMS-
SWDIO
JTMS-SWDIO
-
106 C11 73
-
-
PH2
I/O
FT
PH2
FSMC_A22
-
107 F11
74 47 B1
VSS_2
S-
VSS_2
--
108 G11 75 48 A1
VDD_2
S-
VDD_2
--
109 A10 76 49 B2
PA14
I/O
FT
JTCK-
SWCLK
JTCK-SWCLK
-
110
A9
77 50 C3
PA15
I/O
FT
JTDI
TIM2_CH1_ETR/
SPI1_NSS/SPI3_NSS/
I2S3_WS/LCD_SEG17/
JTDI
-
111 B11 78 51 A2
PC10
I/O
FT
PC10
SPI3_SCK/I2S3_CK/
USART3_TX/UART4_TX/
LCD_SEG28/LCD_SEG40/
LCD_COM4/
SDIO_D2
-
112 C10 79 52 B3
PC11
I/O
FT
PC11
SPI3_MISO/USART3_RX/
UART4_RX/
LCD_SEG29/LCD_SEG41/
LCD_COM5/
SDIO_D3
-
113 B10 80 53 C4
PC12
I/O
FT
PC12
SPI3_MOSI/I2S3_SD/
USART3_CK/
UART5_TX/LCD_SEG30/
LCD_SEG42/
LCD_COM6/SDIO_CK
-
114
C9
81
-
-
PD0
I/O
FT
PD0
TIM9_CH1/SPI2_NSS/
I2S2_WS/ FSMC_D2
-
Table 8. STM32L151xD and STM32L152xD pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More