전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L151RDT6 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 STM32L151RDT6
상세설명  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RDT6 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button STM32L151RDT6 Datasheet HTML 36Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 37Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 38Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 39Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 40Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 41Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 42Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 43Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 154 page
background image
Pin descriptions
STM32L151xD STM32L152xD
40/154
DocID022027 Rev 11
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 7. Legend/abbreviations used in the pinout table (continued)
Name
Abbreviation
Definition
Table 8. STM32L151xD and STM32L152xD pin definitions
Pins
Pin name
Main
function(2)
(after reset)
Pin functions
Alternate functions
Additional
functions
1
B2
1
-
-
PE2
I/O
FT
PE2
TIM3_ETR/LCD_SEG38/
TRACECLK/FSMC_A23
-
2
A1
2
-
-
PE3
I/O
FT
PE3
TIM3_CH1/LCD_SEG39/
TRACED0/FSMC_A19
-
3
B1
3
-
-
PE4
I/O
FT
PE4
TIM3_CH2/TRACED1
/FSMC_A20
-
4
C2
4
-
-
PE5
I/O
FT
PE5
TIM9_CH1/TRACED2
/FSMC_A21
-
5D2
5
-
-
PE6-
WKUP3
I/O
FT
PE6
TIM9_CH2/TRACED3
WKUP3/
RTC_TAMP3
6E2
6
1
C6
VLCD(3)
S-
VLCD
--
7C1
7
2
C8
PC13-
WKUP2
I/O
FT
PC13
-
WKUP2/
RTC_TAMP1/
RTC_TS/
RTC_OUT
8D1
8
3
B8
PC14-
OSC32_IN(4)
I/O
TC
PC14
-
OSC32_IN
9E1
9
4
B7
PC15-
OSC32_OUT
I/O
TC
PC15
-
OSC32_OUT
10
D6
-
-
-
PF0
I/O
FT
PF0
FSMC_A0
-
11
D5
-
-
-
PF1
I/O
FT
PF1
FSMC_A1
-
12
D4
-
-
-
PF2
I/O
FT
PF2
FSMC_A2
-
13
E4
-
-
-
PF3
I/O
FT
PF3
FSMC_A3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More