| 전자부품 데이터시트 검색엔진 |
|
TDA7575BPD 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7575BPD 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 32 page ![]() TDA7575B Software specifications Doc ID 14103 Rev 3 19/32 6 Software specifications All the functions of the TDA7575B are activated by I2C interface. The bit 0 of the "Address Byte" defines if the next bytes are write instruction (from P to TDA7575B) or read instruction (from TDA7575B to µP). Table 5. Address selection If R/W = 0, the P sends 2 "instruction bytes": IB1 and IB2. Table 6. IB1 Bit Address A6 1 A5 1 A4 0 A3 1 A2 0 A1 B A0 A R/W X Bit Instruction decoding bit D7 0 D6 Diagnostic enable (D6 = 1) Diagnostic defeat (D6 = 0) D5 Offset detection enable (D5 = 1) Offset detection defeat (D5 = 0) D4 Gain = 26 dB (D4 = 0) Gain = 12 dB (D4 = 1) D3 0 D2 Mute (D2 = 0) Unmute (D2 = 1) D1 0 D0 CD 2% (D0 = 0) CD 10% (D0 = 1) |