| 전자부품 데이터시트 검색엔진 |
|
TDA7575BPD 데이터시트(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7575BPD 데이터시트(HTML) 20 Page - STMicroelectronics |
|
20 / 32 page ![]() Software specifications TDA7575B 20/32 Doc ID 14103 Rev 3 Table 7. IB2 If R/W = 1, the TDA7575B sends 2 "Diagnostics Bytes" to P: DB1 and DB2. Table 8. DB1 Bit Instruction decoding bit D7 0 D6 0 D5 0 D4 Standby on - Amplifier not working - (D4 = 0) Standby off - Amplifier working - (D4 = 1) D3 Power amplifier mode diagnostic (D3 = 0); Line driver mode diagnostic (D3 = 1) D2 Current detection diagnostic enabled (D2 = 1) Current detection diagnostic defeat (D2 = 0) D1 Power amplifier working in standard mode (D1 = 0) Power amplifier working in high efficiency mode (D1 = 1) D0 Current detection threshold high (D7 =0) Current detection threshold low (D7 =1) Bit Instruction decoding bit D7 Thermal warming (if Tchip 150°C, D7 = 1) D6 Diag. cycle not activated or not terminated (D6 = 0) Diag. cycle terminated (D6 = 1) D5 Channel 1 current detection IB2 (D0) = 0 Output peak current < 250 mA - Open load (D5 = 1) Output peak current > 500 mA - Normal load (D5 = 0) Channel LF current detection IB2 (D0) = 1 Output peak current < 125 mA - Open load (D5 = 1) Output peak current > 250 mA - Normal load (D5 = 0) D4 Channel 1 Turn-on diagnostic (D4 = 0) Permanent diagnostic (D4 = 1) D3 Channel 1 Normal load (D3 = 0) Short load (D3 = 1) D2 Channel 1 Turn-on diag.: No open load (D2 = 0) Open load detection (D2 = 1) Offset diag.: No output offset (D2 = 0) Output offset detection (D2 = 1) D1 Channel 1 No short to Vcc (D1 = 0) Short to Vcc (D1 = 1) D0 Channel 1 No short to GND (D1 = 0) Short to GND (D1 = 1) |