전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC563M60L7 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 SPC563M60L7
상세설명  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 39Page - STMicroelectronics SPC563M60L7 Datasheet HTML 40Page - STMicroelectronics SPC563M60L7 Datasheet HTML 41Page - STMicroelectronics SPC563M60L7 Datasheet HTML 42Page - STMicroelectronics SPC563M60L7 Datasheet HTML 43Page - STMicroelectronics SPC563M60L7 Datasheet HTML 44Page - STMicroelectronics SPC563M60L7 Datasheet HTML 45Page - STMicroelectronics SPC563M60L7 Datasheet HTML 46Page - STMicroelectronics SPC563M60L7 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
DocID14642 Rev 12
43/128
SPC563M64x, SPC563M60x
Pinout and signal description
127
3.2
LQFP176 pinout
Figure 3 shows the pinout for the 176-pin LQFP.
Figure 3. 176-pin LQFP pinout (top view)
176 - Pin
LQFP
NIC
TMS
TDI / eMIOS[5] / GPIO[232]
eTPU_A[4] / GPIO[227]
TCK
VSS
eTPU_A[2] / GPIO[231]
VDDEH7
eTPU_A[29] / GPIO[225]
TDO / eMIOS[6] / GPIO[228]
GPIO[219]
JCOMP
ALT_EVTO
VDDE12
ALT_MSEO[0]
ALT_MSEO[1]
ALT_EVTI
VSS
DSPI_B_PCS[3] / DSPI_C_SIN / GPIO[108]
DSPI_B_SOUT / DSPI_C_PCS[5] / GPIO[104]
DSPI_B_SIN / DSPI_C_PCS[2] / GPIO[103]
DSPI_B_PCS[0] / GPIO[105]
VDDEH6B
DSPI_B_PCS[1] / GPIO[106]
VSS
DSPI_B_PCS[2] / DSPI_C_SOUT / GPIO[107]
DSPI_B_SCK / DSPI_C_PCS[1] / GPIO[102]
DSPI_B_PCS[4] / DSPI_C_SCK / GPIO[109]
DSPI_B_PCS[5] / DSPI_C_PCS[0] / GPIO[110]
VDD
RSTOUT
CAN_C_TX / GPIO[87]
SCI_A_TX / eMIOS[13] / GPIO[89]
SCI_A_RX / eMIOS[15] / GPIO[90]
CAN_C_RX / GPIO[88]
RESET
VSS
VDDEH6A
VSSPLL
XTAL
EXTAL / EXTCLK
VDDPLL
VSS
NIC
AN[18]
AN[17]
AN[16]
AN[11] / ANZ
AN[9] / ANX
VDDA
VSSA
AN[39] / AN[10] / ANY
AN[38] / AN[8] / ANW
VDDREG
VRCCTL
VSTBY
VRC33
ALT_MCKO
VSS
VDDE12
ALT_MDO[0]
ALT_MDO[1]
ALT_MDO[2]
ALT_MDO[3]
(see signal details, pin 21)
(see signal details, pin 22)
(see signal details, pin 23)
(see signal details, pin 24)
(see signal details, pin 25)
(see signal details, pin 26)
(see signal details, pin 27)
(see signal details, pin 28)
VSS
(see signal details, pin 30)
VDDEH1A
(see signal details, pin 32)
VDD
eTPU_A[21] / IRQ[9] / GPIO[135]
eTPU_A[20] / IRQ[8] / GPIO[134]
eTPU_A[19] / GPIO[133]
eTPU_A[18] / GPIO[132]
eTPU_A[17] / GPIO[131]
eTPU_A[16] / GPIO[130]
(see signal details, pin 40)
VDDEH1B
(see signal details, pin 42)
VSS
NIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
Note: Pins marked “NIC” have no internal connection.
signal details:
pin 21: eTPU_A[31] / DSPI_C_PCS[4] / eTPU_A[13] / GPIO[145]
pin 22: eTPU_A[30] / DSPI_C_PCS[3] / eTPU_A[11] / GPIO[144]
pin 23:
eTPU_A[29] / DSPI_C_PCS[2] / GPIO[143]
pin 24: eTPU_A[28] / DSPI_C_PCS[1] / GPIO[142]
pin 25:
eTPU_A[27] / IRQ[15] / DSPI_C_SOUT_LVDS+ / DSPI_B_SOUT / GPIO[141]
pin 26: eTPU_A[26] / IRQ[14] / DSPI_C_SOUT_LVDS– / GPIO[140]
pin 27: eTPU_A[25] / IRQ[13] / DSPI_C_SCK_LVDS+ / GPIO[139]
pin 28: eTPU_A[24] / IRQ[12] / DSPI_C_SCK_LVDS– / GPIO[138]
pin 30: eTPU_A[23] / IRQ[11] / eTPU_A[21] / GPIO[137]
pin 32: eTPU_A[22] / IRQ[10] / eTPU_A[17] / GPIO[136]
pin 40: eTPU_A[15] / DSPI_B_PCS[5] / GPIO[129]
pin 42: eTPU_A[14] / DSPI_B_PCS[4] / eTPU_A[9] / GPIO[128]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More