전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1090 데이터시트(PDF) 119 Page - STMicroelectronics

부품명 STA1090
상세설명  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1090 데이터시트(HTML) 119 Page - STMicroelectronics

Back Button STA1090 Datasheet HTML 115Page - STMicroelectronics STA1090 Datasheet HTML 116Page - STMicroelectronics STA1090 Datasheet HTML 117Page - STMicroelectronics STA1090 Datasheet HTML 118Page - STMicroelectronics STA1090 Datasheet HTML 119Page - STMicroelectronics STA1090 Datasheet HTML 120Page - STMicroelectronics STA1090 Datasheet HTML 121Page - STMicroelectronics STA1090 Datasheet HTML 122Page - STMicroelectronics STA1090 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 127 page
background image
DS13319 Rev 2
119/127
STA108x, STA109x
Ballout
126
6.2
STA1090, STA1095 Ballout
Figure 37. STA109x Ballout (top left) diagram
1
2
3
4
5
6
7
8
9
10
A
OTP_FU
SE_HV
GPIO41 GPIO42 GPIO43
S_GPIO
3
GPIO15 GPIO14
GPIO9
GPIO8
GPIO21
B
GPIO40
M3_GPI
O15
GPIO35 GPIO34 GPIO44
SYSRST
n
M3_GPI
O8
GPIO13 GPIO12
GPIO7
C
M3_GPI
O11
SQI_SIO
3
M3_GPI
O14
GPIO45
S_GPIO
2
M3_GPI
O9
I2C0_SC
L
GPIO10 GPIO16 GPIO19
D
SQI_SC
K
SQI_SIO
1
SQI_CE
0n
SQI_SIO
0
GPIO46
S_GPIO
0
S_GPIO
1
I2C0_S
DA
GPIO11 GPIO17
E
SQI_SIO
2
GPIO6
GPIO47 GPIO48
M3_GPI
O10
VDD_IO VDD_IO VDD_IO
VDD
VDD
F
GPIO90 GPIO91 GPIO92 GPIO93 GPIO49
VDD
VDD_IO VDD_IO
VDD
OSC32K
_GND
G
GPIO94 GPIO95 GPIO96 GPIO97
VDD
VDD_IO
GND
GND
GND
GND
H
GPIO98 GPIO99
GPIO10
0
GPIO10
1
VDD
VDD_IO
GND
GND
GND
GND
J
GPIO10
2
GPIO10
3
GPIO10
4
GPIO10
5
VDD
VDD_IO
GND
GND
GND
GND
K
I2S0_TX I2S0_RX
UART0_
RX
UART0_
TX
VDD
VDD_IO
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More