전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC58NG80C3 데이터시트(PDF) 126 Page - STMicroelectronics

부품명 SPC58NG80C3
상세설명  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NG80C3 데이터시트(HTML) 126 Page - STMicroelectronics

Back Button SPC58NG80C3 Datasheet HTML 122Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 123Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 124Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 125Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 126Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 127Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 128Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 129Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 139 page
background image
Ordering information
SPC584Gx, SPC58EGx, SPC58NGx
126/139
DS11758 Rev 6
Note:
Please contact your ST sales office to ask for the availability of a particular commercial
product.
Features (for instance, flash, RAM or peripherals) not included in the commercial product
cannot be used.
ST cannot be called to take any liability for features used outside the commercial product.
Table 73. Code Flash options
SPC58xG84 (6M)
SPC58xG80 (4M)
Partition
Start address
End address
16
16
0
0x00FC0000
0x00FC3FFF
16
16
0
0x00FC4000
0x00FC7FFF
16
16
1
0x00FC8000
0x00FCBFFF
16
16
1
0x00FCC000
0x00FCFFFF
32
32
0
0x00FD0000
0x00FD7FFF
32
32
1
0x00FD8000
0x00FDFFFF
64
64
0
0x00FE0000
0x00FEFFFF
64
64
0
0x00FF0000
0x00FFFFFF
128
128
0
0x01000000
0x0101FFFF
128
128
1
0x01020000
0x0103FFFF
256
256
0
0x01040000
0x0107FFFF
256
256
0
0x01080000
0x010BFFFF
256
256
0
0x010C0000
0x010FFFFF
256
256
0
0x01100000
0x0113FFFF
256
256
0
0x01140000
0x0117FFFF
256
256
0
0x01180000
0x011BFFFF
256
256
0
0x011C0000
0x011FFFFF
256
256
1
0x01200000
0x0123FFFF
256
256
1
0x01240000
0x0127FFFF
256
256
1
0x01280000
0x012BFFFF
256
256
1
0x012C0000
0x012FFFFF
256
256
1
0x01300000
0x0133FFFF
256
256
1
0x01340000
0x0137FFFF
256
256
1
0x01380000
0x013BFFFF
256
NA
5
0x013C0000
0x013FFFFF
256
NA
5
0x01400000
0x0143FFFF
256
NA
5
0x01440000
0x0147FFFF
256
NA
5
0x01480000
0x014BFFFF
256
NA
5
0x014C0000
0x014FFFFF
256
NA
5
0x01500000
0x0153FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More