전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC58NG80C3 데이터시트(PDF) 127 Page - STMicroelectronics

부품명 SPC58NG80C3
상세설명  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NG80C3 데이터시트(HTML) 127 Page - STMicroelectronics

Back Button SPC58NG80C3 Datasheet HTML 123Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 124Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 125Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 126Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 127Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 128Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 129Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 130Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 139 page
background image
DS11758 Rev 6
127/139
SPC584Gx, SPC58EGx, SPC58NGx
Ordering information
127
256
NA
5
0x01540000
0x0157FFFF
256
NA
5
0x01580000
0x015BFFFF
Table 73. Code Flash options (continued) (continued)
SPC58xG84 (6M)
SPC58xG80 (4M)
Partition
Start address
End address
Table 74. RAM options(1)
SPC58EGx
SPC58NGx
SPC584G84
SPC584G80
Type
Start address
End address
768
640
512
128
128
128
PRAMC_0
0x40060000
0x4007FFFF
96
96
96
PRAMC_1
0x40080000
0x40097FFF
64
64
NA
PRAMC_1
0x40098000
0x400A7FFF
8
8
8
PRAMC_2 (STBY)
0x400A8000
0x400A9FFF
120
120
120
PRAMC_2 (STBY)
0x400AA000
0x400C7FFF
128
128
128
PRAMC_2 (STBY)
0x400C8000
0x400E7FFF
64
64
NA
PRAMC_3
0x400E8000
0x400F7FFF
64
NA
NA
D-MEM CPU_0
0x50800000
0x5080FFFF
64
NA
NA
D-MEM CPU_1
0x51800000
0x5180FFFF
32
32
32
D-MEM CPU_2
0x52800000
0x52807FFF
1. RAM size is the sum of TCM and SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More